Part Number Hot Search : 
06K19FKE MKW3022 MC936 BAT54 A5940 BAT54 UPD75512 HCPL7800
Product Description
Full Text Search
 

To Download AUIRF3205Z Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PD - 97542
AUTOMOTIVE GRADE
Features

AUIRF3205Z AUIRF3205ZS
HEXFET(R) Power MOSFET
D

Advanced Process Technology Ultra Low On-Resistance 175C Operating Temperature Fast Switching Repetitive Avalanche Allowed up to Tjmax Lead-Free, RoHS Compliant Automotive Qualified *
V(BR)DSS RDS(on) max. ID (Silicon Limited)
55V 6.5m 110A 75A
G S
ID (Package Limited)
D
Description
Specifically designed for Automotive applications, this HEXFET(R) Power MOSFET utilizes the latest processing techniques to achieve extremely low onresistance per silicon area. Additional features of this design are a 175C junction operating temperature, fast switching speed and improved repetitive avalanche rating . These features combine to make this design an extremely efficient and reliable device for use in Automotive applications and a wide variety of other applications.
D
G
D
S G
D
S
TO-220AB AUIRF3205Z
D2Pak AUIRF3205ZS
Absolute Maximum Ratings
G Gate
D Drain
S Source
Stresses beyond those listed under "Absolute Maximum Ratings" may cause permanent damage to the device. These are stress ratings only; and functional operation of the device at these or any other condition beyond those indicated in the specifications is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability. The thermal resistance and power dissipation ratings are measured under board mounted and still air conditions. Ambient temperature (TA) is 25C, unless otherwise specified.
Parameter
ID @ TC = 25C ID @ TC = 100C ID @ TC = 25C IDM PD @TC = 25C VGS EAS EAS (tested ) IAR EAR TJ TSTG Continuous Drain Current, VGS @ 10V (Silicon Limited) Continuous Drain Current, VGS @ 10V Continuous Drain Current, VGS @ 10V (Package Limited) Pulsed Drain Current Power Dissipation Linear Derating Factor Gate-to-Source Voltage Single Pulse Avalanche Energy (Thermally Limited) Single Pulse Avalanche Energy Tested Value
Max.
110 78 75 440 170 1.1 20 180 250 See Fig.12a, 12b, 15, 16 -55 to + 175
Units
A
W W/C V mJ A mJ C
h
d
Avalanche CurrentA Repetitive Avalanche Energy Operating Junction and
g i
Storage Temperature Range Soldering Temperature, for 10 seconds (1.6mm from case ) Mounting Torque, 6-32 or M3 screw
300 10 lbfyin (1.1Nym)
Thermal Resistance
RJC RCS RJA RJA
HEXFET(R)
Junction-to-Case
k i
Parameter
Typ.
--- 0.50 --- ---
Max.
0.90 --- 62 40
Units
C/W
Case-to-Sink, Flat Greased Surface Junction-to-Ambient
i
Junction-to-Ambient (PCB Mount) j
is a registered trademark of International Rectifier. *Qualification standards can be found at http://www.irf.com/
www.irf.com
1
07/23/2010
AUIRF3205Z/ZS
Static Electrical Characteristics @ TJ = 25C (unless otherwise specified)
Parameter
V(BR)DSS V(BR)DSS/TJ RDS(on) VGS(th) gfs IDSS IGSS Drain-to-Source Breakdown Voltage Breakdown Voltage Temp. Coefficient Static Drain-to-Source On-Resistance Gate Threshold Voltage Forward Transconductance Drain-to-Source Leakage Current Gate-to-Source Forward Leakage Gate-to-Source Reverse Leakage Parameter Qg Qgs Qgd td(on) tr td(off) tf LD LS Ciss Coss Crss Coss Coss Coss eff. Total Gate Charge Gate-to-Source Charge Gate-to-Drain ("Miller") Charge Turn-On Delay Time Rise Time Turn-Off Delay Time Fall Time Internal Drain Inductance Internal Source Inductance Input Capacitance Output Capacitance Reverse Transfer Capacitance Output Capacitance Output Capacitance Effective Output Capacitance
Min.
55 --- --- 2.0 71 --- --- --- --- Min. --- --- --- --- --- --- --- --- --- --- --- --- --- --- ---
Typ.
--- 0.051 4.9 --- --- --- --- --- --- Typ. 76 21 30 18 95 45 67 4.5 7.5 3450 550 310 1940 430 640
Max.
--- --- 6.5 4.0 --- 20 250 200 -200 Max. 110 --- --- --- --- --- --- --- --- --- --- --- --- --- ---
Units
V V/C m V S A nA
Conditions
VGS = 0V, ID = 250A Reference to 25C, ID = 1mA VGS = 10V, ID = 66A VDS = VGS, ID = 250A VDS = 25V, ID = 66A VDS = 55V, VGS = 0V VDS = 55V, VGS = 0V, TJ = 125C VGS = 20V VGS = -20V
e
Dynamic Electrical Characteristics @ TJ = 25C (unless otherwise specified)
Units Conditions ID = 66A VDS = 44V VGS = 10V VDD = 28V ID = 66A RG = 6.8 VGS = 10V Between lead,
nC
e e
ns
nH
6mm (0.25in.) from package and center of die contact VGS = 0V VDS = 25V = 1.0MHz VGS = 0V, VDS = 1.0V, = 1.0MHz VGS = 0V, VDS = 44V, = 1.0MHz VGS = 0V, VDS = 0V to 44V
pF
Diode Characteristics
Parameter
IS ISM VSD trr Qrr ton Continuous Source Current (Body Diode) Pulsed Source Current (Body Diode)A Diode Forward Voltage Reverse Recovery Time Reverse Recovery Charge Forward Turn-On Time
f
Min.
--- --- --- --- ---
Typ.
--- --- --- 28 25
Max.
75
Units
A
Conditions
MOSFET symbol showing the integral reverse p-n junction diode. TJ = 25C, IS = 66A, VGS = 0V TJ = 25C, IF = 66A, VDD = 25V di/dt = 100A/s
440 1.3 42 38 V ns nC
e
e
Intrinsic turn-on time is negligible (turn-on is dominated by LS+LD)
Notes: Repetitive rating; pulse width limited by max. junction temperature. (See fig. 11). Limited by TJmax, starting TJ = 25C, L = 0.08mH RG = 25, IAS = 66A, VGS =10V. Part not recommended for use above this value. Pulse width 1.0ms; duty cycle 2%. Coss eff. is a fixed capacitance that gives the same charging time as Coss while VDS is rising from 0 to 80% VDSS .
Limited by TJmax , see Fig.12a, 12b, 15, 16 for typical repetitive
avalanche performance.
This value determined from sample failure population, starting
TJ = 25C, L = 0.08mH RG = 25, IAS = 66A, VGS =10V. This is only applied to TO-220AB pakcage. This is applied to D2Pak, when mounted on 1" square PCB (FR4 or G-10 Material). For recommended footprint and soldering techniques refer to application note #AN-994. R is measured at TJ approximately 90C.
2
www.irf.com
AUIRF3205Z/ZS
Qualification Information
Automotive (per AEC-Q101) Qualification Level
Comments: This part number(s) passed Automotive qualification. IR's Industrial and Consumer qualification level is granted by extension of the higher Automotive level. TO-220AB N/A N/A MSL1 Class M4 (425V) AEC-Q101-002 Class H1C (2000V) AEC-Q101-001 Charged Device Model Class C5 (1125V) AEC-Q101-005 Yes
Moisture Sensitivity Level Machine Model Human Body Model
TO-262 D Pak
2
ESD
RoHS Compliant
Qualification standards can be found at International Rectifiers web site: http//www.irf.com/ Exceptions to AEC-Q101 requirements are noted in the qualification report.
www.irf.com
3
AUIRF3205Z/ZS
1000
TOP
VGS
ID, Drain-to-Source Current (A)
15V 10V 8.0V 7.0V 6.0V 5.5V 5.0V BOTTOM 4.5V
1000
TOP
V GS
15V 10V 8.0V 7.0V 6.0V 5.5V 5.0V BOTTOM 4.5V
ID, Drain-to-Source Current (A)
100
100
10
4.5V
1 0.1 1
20s PULSE WIDTH Tj = 25C
10 100
4.5V
10 0.1 1
20s PULSE WIDTH Tj = 175C
10 100
VDS, Drain-to-Source Voltage (V)
VDS, Drain-to-Source Voltage (V)
Fig 1. Typical Output Characteristics
Fig 2. Typical Output Characteristics
1000
120
Gfs, Forward Transconductance (S)
ID, Drain-to-Source Current ( A)
T J = 25C T J = 175C
100
T J = 175C 100 80 60 40 20 0 T J = 25C
10
1 4.0 5.0 6.0 7.0
VDS = 25V 20s PULSE WIDTH
8.0 9.0 10.0 11.0
VDS = 10V 20s PULSE WIDTH 0 20 40 60 80 100
VGS, Gate-to-Source Voltage (V)
ID, Drain-to-Source Current (A)
Fig 3. Typical Transfer Characteristics
4
Fig 4. Typical Forward Transconductance Vs. Drain Current
www.irf.com
AUIRF3205Z/ZS
6000
5000
VGS, Gate-to-Source Voltage (V)
VGS = 0V, f = 1 MHZ C iss = C gs + C gd, C ds SHORTED C rss = C gd C oss = C ds + C gd
20
ID= 66A VDS= 44V VDS= 28V VDS= 11V
16
C, Capacitance (pF)
4000
Ciss
3000
12
8
2000
4
1000
Coss Crss
0 1 10 100
0 0 20 40 60 80 100 120 QG Total Gate Charge (nC)
VDS, Drain-to-Source Voltage (V)
Fig 5. Typical Capacitance Vs. Drain-to-Source Voltage
Fig 6. Typical Gate Charge Vs. Gate-to-Source Voltage
1000.0
10000
OPERATION IN THIS AREA LIMITED BY R DS(on)
100.0
TJ = 175C
ID, Drain-to-Source Current (A)
ISD, Reverse Drain Current (A)
1000
100 100sec 10 1msec Tc = 25C Tj = 175C Single Pulse 1 10 10msec
10.0 T J = 25C 1.0
1
0.1 0.2 0.6 1.0 1.4
VGS = 0V 1.8 2.2
0.1
100
1000
VSD, Source-toDrain Voltage (V)
VDS , Drain-toSource Voltage (V)
www.irf.com
Fig 7. Typical Source-Drain Diode Forward Voltage
Fig 8. Maximum Safe Operating Area
5
AUIRF3205Z/ZS
120 100
ID , Drain Current (A)
RDS(on) , Drain-to-Source On Resistance (Normalized)
LIMITED BY PACKAGE
2.5
ID = 66A VGS = 10V
2.0
80 60 40 20 0 25 50 75 100 125 150 175 T C , Case Temperature (C)
1.5
1.0
0.5 -60 -40 -20 0 20 40 60 80 100 120 140 160 180
T J , Junction Temperature (C)
Fig 9. Maximum Drain Current Vs. Case Temperature
Fig 10. Normalized On-Resistance Vs. Temperature
1
D = 0.50
Thermal Response ( Z thJC )
0.20
0.1
0.10 0.05 0.02 0.01
0.01
SINGLE PULSE ( THERMAL RESPONSE )
0.001 1E-006 1E-005 0.0001 0.001
Notes: 1. Duty Factor D = t1/t2 2. Peak Tj = P dm x Zthjc + Tc
0.01 0.1
t1 , Rectangular Pulse Duration (sec)
Fig 11. Maximum Effective Transient Thermal Impedance, Junction-to-Case
6
www.irf.com
AUIRF3205Z/ZS
15V
350
EAS, Single Pulse Avalanche Energy (mJ)
VDS
L
DRIVER
300 250 200 150 100 50 0 25 50 75 100
TOP BOTTOM
27A 47A 66A
ID
RG
VGS 20V
D.U.T
IAS tp
+ V - DD
A
0.01
Fig 12a. Unclamped Inductive Test Circuit
V(BR)DSS tp
125
150
175
Starting T J, Junction Temperature (C)
I AS
Fig 12b. Unclamped Inductive Waveforms
QG
Fig 12c. Maximum Avalanche Energy Vs. Drain Current
10 V
QGS VG
VGS(th) Gate threshold Voltage (V)
QGD
4.0
Charge
3.0
ID = 250A
Fig 13a. Basic Gate Charge Waveform
2.0
L
0
DUT 1K
VCC
1.0 -75 -50 -25 0 25 50 75 100 125 150 175
T J , Temperature ( C )
Fig 13b. Gate Charge Test Circuit
www.irf.com
Fig 14. Threshold Voltage Vs. Temperature
7
AUIRF3205Z/ZS
1000
Duty Cycle = Single Pulse Allowed avalanche Current vs avalanche pulsewidth, tav assuming Tj = 25C due to avalanche losses. Note: In no case should Tj be allowed to exceed Tjmax
Avalanche Current (A)
100
0.01 0.05
10
0.10
1
0.1 1.0E-08 1.0E-07 1.0E-06 1.0E-05 1.0E-04 1.0E-03 1.0E-02 1.0E-01
tav (sec)
Fig 15. Typical Avalanche Current Vs.Pulsewidth
200
EAR , Avalanche Energy (mJ)
160
TOP Single Pulse BOTTOM 10% Duty Cycle ID = 66A
120
80
40
0 25 50 75 100 125 150 175
Starting T J , Junction Temperature (C)
Notes on Repetitive Avalanche Curves , Figures 15, 16: (For further info, see AN-1005 at www.irf.com) 1. Avalanche failures assumption: Purely a thermal phenomenon and failure occurs at a temperature far in excess of Tjmax. This is validated for every part type. 2. Safe operation in Avalanche is allowed as long asTjmax is not exceeded. 3. Equation below based on circuit and waveforms shown in Figures 12a, 12b. 4. PD (ave) = Average power dissipation per single avalanche pulse. 5. BV = Rated breakdown voltage (1.3 factor accounts for voltage increase during avalanche). 6. Iav = Allowable avalanche current. 7. T = Allowable rise in junction temperature, not to exceed Tjmax (assumed as 25C in Figure 15, 16). tav = Average time in avalanche. D = Duty cycle in avalanche = tav *f ZthJC(D, tav) = Transient thermal resistance, see figure 11) PD (ave) = 1/2 ( 1.3*BV*Iav) = DT/ ZthJC Iav = 2DT/ [1.3*BV*Zth] EAS (AR) = PD (ave)*tav
Fig 16. Maximum Avalanche Energy Vs. Temperature
8
www.irf.com
AUIRF3205Z/ZS
D.U.T
Driver Gate Drive
+
P.W.
Period
D=
P.W. Period VGS=10V
+
Circuit Layout Considerations * Low Stray Inductance * Ground Plane * Low Leakage Inductance Current Transformer
*
D.U.T. ISD Waveform Reverse Recovery Current Body Diode Forward Current di/dt D.U.T. VDS Waveform Diode Recovery dv/dt
-
-
+
RG
* dv/dt controlled by RG * Driver same type as D.U.T. * I SD controlled by Duty Factor "D" * D.U.T. - Device Under Test
V DD
VDD
+ -
Re-Applied Voltage Inductor Curent
Body Diode
Forward Drop
Ripple 5%
ISD
*
VGS = 5V for Logic Level Devices
Fig 17. Peak Diode Recovery dv/dt Test Circuit for N-Channel HEXFET(R) Power MOSFETs
RD
V DS VGS RG 10V
Pulse Width 1 s Duty Factor 0.1 %
D.U.T.
+
-V DD
Fig 18a. Switching Time Test Circuit
VDS 90%
10% VGS
td(on) tr t d(off) tf
Fig 18b. Switching Time Waveforms
www.irf.com
9
AUIRF3205Z/ZS
TO-220AB Package Outline
Dimensions are shown in millimeters (inches)
TO-220AB Part Marking Information
Part Number
AUIRF3205Z
IR Logo
YWWA
XX or XX
Date Code Y= Year WW= Work Week A= Automotive, LeadFree
Lot Code
TO-220AB packages are not recommended for Surface Mount Application. Note: For the most current drawing please refer to IR website at http://www.irf.com/package/
10
www.irf.com
AUIRF3205Z/ZS
D2Pak (TO-263AB) Package Outline
Dimensions are shown in millimeters (inches)
D2Pak (TO-263AB) Part Marking Information
Part Number
AUIRF3205ZS
IR Logo
YWWA
XX or XX
Date Code Y= Year WW= Work Week A= Automotive, LeadFree
Lot Code
Note: For the most current drawing please refer to IR website at http://www.irf.com/package/
www.irf.com
11
AUIRF3205Z/ZS
D2Pak Tape & Reel Information
TRR
1.60 (.063) 1.50 (.059) 4.10 (.161) 3.90 (.153)
1.60 (.063) 1.50 (.059)
0.368 (.0145) 0.342 (.0135)
FEED DIRECTION 1.85 (.073)
1.65 (.065)
11.60 (.457) 11.40 (.449)
15.42 (.609) 15.22 (.601)
24.30 (.957) 23.90 (.941)
TRL
10.90 (.429) 10.70 (.421) 1.75 (.069) 1.25 (.049) 16.10 (.634) 15.90 (.626) 4.72 (.136) 4.52 (.178)
FEED DIRECTION
13.50 (.532) 12.80 (.504)
27.40 (1.079) 23.90 (.941)
4
330.00 (14.173) MAX.
60.00 (2.362) MIN.
NOTES : 1. COMFORMS TO EIA-418. 2. CONTROLLING DIMENSION: MILLIMETER. 3. DIMENSION MEASURED @ HUB. 4. INCLUDES FLANGE DISTORTION @ OUTER EDGE.
26.40 (1.039) 24.40 (.961) 3
30.40 (1.197) MAX. 4
Note: For the most current drawing please refer to IR website at http://www.irf.com/package/
12
www.irf.com
AUIRF3205Z/ZS
Ordering Information
Base part AUIRF3205Z AUIRF3205ZS Package Type TO-220 D2Pak Standard Pack Form Tube Tube Tape and Reel Left Tape and Reel Right Complete Part Number Quantity 50 50 800 800 AUIRF3205Z AUIRF3205ZS AUIRF3205ZSTRL AUIRF3205ZSTRR
www.irf.com
13
AUIRF3205Z/ZS
IMPORTANT NOTICE
Unless specifically designated for the automotive market, International Rectifier Corporation and its subsidiaries (IR) reserve the right to make corrections, modifications, enhancements, improvements, and other changes to its products and services at any time and to discontinue any product or services without notice. Part numbers designated with the "AU" prefix follow automotive industry and / or customer specific requirements with regards to product discontinuance and process change notification. All products are sold subject to IR's terms and conditions of sale supplied at the time of order acknowledgment. IR warrants performance of its hardware products to the specifications applicable at the time of sale in accordance with IR's standard warranty. Testing and other quality control techniques are used to the extent IR deems necessary to support this warranty. Except where mandated by government requirements, testing of all parameters of each product is not necessarily performed. IR assumes no liability for applications assistance or customer product design. Customers are responsible for their products and applications using IR components. To minimize the risks with customer products and applications, customers should provide adequate design and operating safeguards. Reproduction of IR information in IR data books or data sheets is permissible only if reproduction is without alteration and is accompanied by all associated warranties, conditions, limitations, and notices. Reproduction of this information with alterations is an unfair and deceptive business practice. IR is not responsible or liable for such altered documentation. Information of third parties may be subject to additional restrictions. Resale of IR products or serviced with statements different from or beyond the parameters stated by IR for that product or service voids all express and any implied warranties for the associated IR product or service and is an unfair and deceptive business practice. IR is not responsible or liable for any such statements. IR products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or in other applications intended to support or sustain life, or in any other application in which the failure of the IR product could create a situation where personal injury or death may occur. Should Buyer purchase or use IR products for any such unintended or unauthorized application, Buyer shall indemnify and hold International Rectifier and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that IR was negligent regarding the design or manufacture of the product. IR products are neither designed nor intended for use in military/aerospace applications or environments unless the IR products are specifically designated by IR as military-grade or "enhanced plastic." Only products designated by IR as military-grade meet military specifications. Buyers acknowledge and agree that any such use of IR products which IR has not designated as military-grade is solely at the Buyer's risk, and that they are solely responsible for compliance with all legal and regulatory requirements in connection with such use. IR products are neither designed nor intended for use in automotive applications or environments unless the specific IR products are designated by IR as compliant with ISO/TS 16949 requirements and bear a part number including the designation "AU". Buyers acknowledge and agree that, if they use any non-designated products in automotive applications, IR will not be responsible for any failure to meet such requirements.
For technical support, please contact IR's Technical Assistance Center http://www.irf.com/technical-info/ WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245 Tel: (310) 252-7105
14
www.irf.com


▲Up To Search▲   

 
Price & Availability of AUIRF3205Z

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X